Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download MBR1035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBR1035/D
SWITCHMODETM Power Rectifiers
. . . using the Schottky Barrier principle with a platinum barrier metal. These state-of-the-art devices have the following features: * * * * * Guardring for Stress Protection Low Forward Voltage 150C Operating Junction Temperature Guaranteed Reverse Avalanche Epoxy Meets UL94, VO at 1/8
MBR1035 MBR1045
MBR1045 is a Motorola Preferred Device
Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Marking: B1035, B1045
3 1, 4
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
4
1 3
CASE 221B-03 TO-220AC PLASTIC
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 135C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz) TC = 135C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 s, 1.0 kHz) See Figure 12 Operating Junction Temperature Storage Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) IFRM IFSM IRRM TJ Tstg dv/dt MBR1035 35 MBR1045 45 Unit Volts
10 20 150 1.0
10 20 150 1.0
Amps Amps Amps Amp C C V/s
*65 to +150 *65 to +175
1000 2.0
*65 to +150 *65 to +175
10000 2.0
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Case RJC C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1) (iF = 10 Amps, TC = 125C) (iF = 20 Amps, TC = 125C) (iF = 20 Amps, TC = 25C) Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TC = 125C) (Rated dc Voltage, TC = 25C) (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
vF 0.57 0.72 0.84 iR 15 0.1 15 0.1 0.57 0.72 0.84
Volts
mA
Rev 2
(c)RectifierInc. 1996 Data Motorola, Device
1
MBR1035 MBR1045
100 70 50 TJ = 150C 100C 25C 100 TJ = 150C 70 25C 50 100C
30 20 iF, INSTANTANEOUS FORWARD CURRENT (AMPS) iF, INSTANTANEOUS FORWARD CURRENT (AMPS) 0.2 0.4 0.6 0.8 1.0 1.4
30 20
10 7.0 5.0 3.0 2.0
10 7.0 5.0 3.0 2.0
1.0 0.7 0.5 0.3 0.2
1.0 0.7 0.5 0.3 0.2
0.1 1.2 vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Maximum Forward Voltage
Figure 2. Typical Forward Voltage
100 TJ = 150C IR , REVERSE CURRENT (mA) 10 125C 100C 1.0 75C 0.1 25C 0.01 0.001 0 5.0 10 15 20 25 30 35 40 45 50 VR, REVERSE VOLTAGE (VOLTS) IFSM , PEAK HALF-WAVE CURRENT (AMPS)
200
100 70 50
30 20 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 NUMBER OF CYCLES AT 60 Hz
Figure 3. Maximum Reverse Current
Figure 4. Maximum Surge Capability
2
Rectifier Device Data
MBR1035 MBR1045
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) RATED VOLTAGE APPLIED I 15 I I IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 20 16 RATED VOLTAGE APPLIED 14 I 12 10 8.0 6.0 dc 4.0 2.0 0 0 20 40 I (CAPACITIVE LOAD) PK I SQUARE WAVE I
PK AV
+ p (RESISTIVE LOAD)
SQUARE WAVE
PK AV
+ p (RESISTIVE LOAD)
PK 10 (CAPACITIVE LOAD) I AV
5.0
+5
10 20
dc
0 110 120 130 140 150 160 TC, CASE TEMPERATURE (C)
AV
+ 20, 10, 5
80 100 120 140 160
60
TA, AMBIENT TEMPERATURE (C)
Figure 5. Current Derating, Infinite Heatsink
PF(AV) , AVERAGE FORWARD POWER DISSIPATION (WATTS)
Figure 6. Current Derating, RqJA = 16C/W
9.0 8.0 7.0 I
SINE WAVE RESISTIVE LOAD
SQUARE WAVE
dc
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
10
5.0 RATED VOLTAGE APPLIED RqJA = 60C/W I I 3.0
4.0
(CAPACITIVE LOAD) PK I 6.0 AV 5.0 4.0 3.0 2.0 1.0 0 0 2.0 4.0 6.0 20 10
+5
PK AV
+ p (RESISTIVE LOAD)
SQUARE WAVE
2.0 dc 1.0 0 0 20 40 (CAPACITIVE LOAD) PK I I
TJ = 150C
AV
60
+ 20, 10, 5
80 100 120 140 160
8.0
10
12
14
16
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
TA, AMBIENT TEMPERATURE (C)
Figure 7. Forward Power Dissipation
Figure 8. Current Derating, Free Air
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 0.7 0.5 0.3 0.2 tp 0.1 0.07 0.05 0.03 0.02 0.01 0.01 0.1 1.0 t, TIME (ms) Ppk Ppk DUTY CYCLE, D = tp/t1 PEAK POWER, Ppk, is peak of an equivalent square power pulse.
TIME t1 TJL = Ppk * RJL [D + (1 - D) * r(t1 + tp) + r(tp) - r(t1)] where: TJL = the increase in junction temperature above the lead temperature. r(t) = normalized value of transient thermal resistance at time, t, i.e.: r(t1 + tp) = normalized value of transient thermal resistance at time, t1 + tp. 10 100 1000
Figure 9. Thermal Response
Rectifier Device Data
3
MBR1035 MBR1045
HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority carrier conduction, it is not subject to junction diode forward and reverse recovery transients due to minority carrier injection and stored charge. Satisfactory circuit analysis work may be performed by using a model consisting of an ideal diode in parallel with a variable capacitance. (See Figure 10.) Rectification efficiency measurements show that operation will be satisfactory up to several megahertz. For example, relative waveform rectification efficiency is approximately 70 percent at 2.0 MHz, e.g., the ratio of dc power to RMS power in the load is 0.28 at this frequency, whereas perfect rectification would yield 0.406 for sine wave inputs. However, in contrast to ordinary junction diodes, the loss in waveform efficiency is not indicative of power loss; it is simply a result of reverse current flow through the diode capacitance, which lowers the dc output voltage. 1500 1000 C, CAPACITANCE (pF) 700 500 MAXIMUM 300 TYPICAL 200 150 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Capacitance
SCHOTTKY CHIP -- View A-A SCHOTTKY CHIP (See View A-A) ALUMINUM WIRE ANODE 3 1 ALUMINUM CONTACT METAL PLATINUM BARRIER METAL OXIDE PASSIVATION
GUARDRING Motorola builds quality and reliability into its Schottky Rectifiers. First is the chip, which has an interface metal between the barrier metal and aluminum-contact metal to eliminate any possible interaction between the two. The indicated guardring prevents dv/dt problems, so snubbers are not mandatory. The guardring also operates like a zener to absorb over-voltage transients. Second is the package. The Schottky chip is bonded to the copper heat sink using a specially formulated solder. This gives the unit the capability of passing 10,000 operating thermal-fatigue cycles having a DTJ of 100C. The epoxy molding compound is rated per UL 94, V0 @ 1/8. Wire bonds are 100% tested in assembly as they are made. Third is the electrical testing, which includes 100% dv/dt at 1600 V/ms and reverse avalanche as part of device characterization.
CATHODE SOLDER DIPPED COPPER LEADS 4
COPPER
UL RATED EPOXY
Figure 11. Schottky Rectifier
+150 V, 10 mAdc 2.0 k VCC 12 V 2.0 s 1.0 kHz CURRENT AMPLITUDE ADJUST 0-10 AMPS 2N6277 100 CARBON 1.0 CARBON 1N5817 100 2N2222 D.U.T. 12 Vdc +
4.0 F
Figure 12. Test Circuit for dv/dt and Reverse Surge Current
4
Rectifier Device Data
MBR1035 MBR1045
PACKAGE DIMENSIONS
C B Q
4
F
T
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
A U
1 3
H K
L G
D J
R
CASE 221B-03 (TO-220AC) ISSUE B
Rectifier Device Data
5
MBR1035 MBR1045
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
6
CODELINE TO BE PLACED HERE
RectifierMBR1035/D Device Data


▲Up To Search▲   

 
Price & Availability of MBR1035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X